Part Number Hot Search : 
GETG0105 HER103 BUK7Y RST160 000950 INDY2200 SD200 24006
Product Description
Full Text Search
 

To Download OSXXX2E5E1E-VERC2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  http://www.optosupply.com ver a.0 x x e e o o n n 5 5 p p o o w w e e r r w w h h i i t t e e l l e e d d osxxx2e5e1e ver c.2 features highest luminous flux super energy efficiency long lifetime operation superior esd protection superior uv resistance applications read lights (car, bus, aircraft) portable (flashlight, bicycle) bollards / security / garden traffic signaling / beacons in door / out door commercial lights automotive ext absolute maximum rating 5b

 directivity    *pulse width max.10ms duty ratio max 1/10 electrical -optical ch aracteristics 5b

 v f (v) i r (a) cct (k) luminous flux   v (lm) d(nm) 2 1/2 (deg) min. typ. max. max. typ min typ. max. min. typ. max. part number color i f =700ma v r =10v i f =700ma osw4x2e5e1e pure white w4 6.5 7.0 9.0 10 6500 300 320 - x=0.31 ,y=0.33 osm5x2e5e1e warm white m5 6.5 7.0 9.0 10 3000 280 300 - x=0.44,y=0.41 140 va l u e item symbol white/ warm white 6oju dc forward current i f 800 ma pulse forward current* i fp 1000 ma reverse voltage v r 10 v power dissipation p d 7200 mw operating temperature topr -30 ~ +85 
 storage temperature tstg -40~ +100 
 lead soldering temperature tsol 260 
/5sec 
 note: don?t drive at rated current more than 5s without heat sink for xeon 5 emitter series. led & application technologies  #bdl7jfx 6ojunn 5pmfsbodf?nn "opef $buipef
http://www.optosupply.com ver a.0 x x e e o o n n 5 5 p p o o w w e e r r w w h h i i t t e e l l e e d d osxxx2e5e1e ver c.2 handling of silicone lens leds notes for handling of silicone lens leds please do not use a force of over 3kgf impact or pressure on the silicone lens, otherwise it will cause a catastrophic failure. the leds should only be picked up by making contact with the sides of the led body. avoid touching the silicone lens especially by sharp tools such as tweezers. avoid leaving fingerprints on the silicone lens. please store the leds away from dusty areas or seal the product against dust. when populating boards in smt production, there are basica lly no restrictions regarding the form of the pick and place nozzle, except that mechan ical pressure on the silicone lens must be prevented. please do not mold over the silicone lens with another resin. (epoxy, urethane, etc) led & application technologies


▲Up To Search▲   

 
Price & Availability of OSXXX2E5E1E-VERC2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X